Part Number Hot Search : 
12582I MAX15026 OH3013U 10300 3DT12D 74F835 HCPLT251 MJE13007
Product Description
Full Text Search
 

To Download DZ23C13-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free ds18002 rev. 14 - 2 1 of 4 dz23c2v7-dz23c51 www.diodes.co m ? diodes incorporated dz23c2v 7 - dz23c51 300mw dual surface mo unt zener dio de dual zeners in common cathode configuration 300 mw power dissipation ideally suited for automatic insertion d v z for both diodes in one case is 5% common anode style available see az series lead free /rohs co mpliant (note 3 ) qualified t o aec-q101 standards f or high reliability features maximum ratings @t a = 25c unless otherwise s pecified case: sot-23 case material: molded pl astic. ul flamm ability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c terminals: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). polarity: see diagram marking: marking code (see page 2) weight: 0.008 grams (approximate) mechanical data a e j l t o p v i e w m b c h g d k characteristic symbol value unit power dissipation (note 1) p d 300 mw thermal resistance, j unction to ambient air (note 1) r q ja 417 c/w operating and storage temperature range t j ,t stg ?65 to +150 c note: 2. for packaging details, go to our website at htt p://www.diodes.com/datasheets/ap02007. pdf. 3. no purposefully added lead. sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180 a 0 8 all dimensions in m m device packaging shipping (type number) -7-f sot-23 3000/tape & reel * add ?-7-f? to the appropri ate type number in table on page 2 example: 6.2v zener = dz23c 6v2-7-f. (note 2) orderi ng inform ation note: 1. mounted on fr4 pc board with recommended pad layout whic h can be found on our website at http: //www.diodes.com/datasheets/ap02001.pdf .
ds18002 rev. 14 - 2 2 of 4 dz23c2v7-dz23c51 www.diodes.co m electri cal character isti cs @t a = 25c unless otherwise noted note: 4. short duration test pulse used to minimize self-heating eff ect. 5. f = 1khz. type number marking code zener voltage ra nge (note 4) maximum zener impedance (note 5) typical temperatur e coefficient min. reverse voltage ( note 4) @ i zt = 5.0ma z zt @ i zt = 5.0ma z zk @ i zk = 1.0ma @ i r = 0.1a v z (volts) ohms ohms t c (%/c) v r (volts) dz23c2v7 kv1 2.5-2.9 83 500 -0.065 ? dz23c3v0 kv2 2.8-3.2 95 500 -0.060 ? dz23c3v3 kv3 3.1-3.5 95 500 -0.055 ? dz23c3v6 kv4 3.4-3.8 95 500 -0.055 ? dz23c3v9 kv5 3.7-4.1 95 500 -0.050 ? dz23c4v3 kv6 4.0-4.6 95 500 -0.035 ? dz23c4v7 kv7 4.4-5.0 78 500 -0.015 ? dz23c5v1 kv8 4.8-5.4 60 480 +0.005 0.8 dz23c5v6 kv9 5.2-6.0 40 400 +0.020 1.0 dz23c6v2 kva 5.8-6.6 10 200 +0.030 2.0 dz23c6v8 kvb 6.4-7.2 8.0 150 +0.045 3.0 dz23c7v5 kvc 7.0-7.9 7.0 50 +0.050 5.0 dz23c8v2 kvd 7.7-8.7 7.0 50 +0.055 6.0 dz23c9v1 kve 8.5-9.6 10 50 +0.065 7.0 dz23c10 kvf 9.4-10.6 15 70 +0.065 7.5 dz23c11 kvg 10.4-11.6 20 70 +0.070 8.5 dz23c12 kvh 11.4-12.7 20 90 +0.075 9.0 dz23c13 kvi 12.4-14.1 25 110 +0.080 10.0 dz23c15 kvj 13.8-15.6 30 110 +0.080 11.0 dz23c16 kvk 15.3-17.1 40 170 +0.090 12.0 dz23c18 kvl 16.8-19.1 50 170 +0.090 14.0 dz23c20 kvm 18.8-21.2 50 220 +0.090 15.0 dz23c22 kvn 20.8-23.3 55 220 +0.090 17.0 dz23c24 kvo 22.8-25.6 80 220 +0.090 18.0 dz23c27 kvp 25.1-28.9 80 250 +0.090 20.0 dz23c30 kvq 28-32 80 250 +0.090 22.5 dz23c33 kvr 31-35 80 250 +0.090 25.0 dz23c36 kvs 34-38 90 250 +0.090 27.0 dz23c39 kvt 37-41 90 300 +0.110 29.0 dz23c43 v30/ kvu 40-46 100 700 +0.110 32.0 dz23c47 v31/ kvv 44-50 100 750 +0.110 35.0 dz23c51 v32/ kvw 48-54 100 750 +0.110 38.0 month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 code j k l m n p r s t u v w date code key xxx = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september x x x y m marking i nformat ion
ds18002 rev. 14 - 2 3 of 4 dz23c2v7-dz23c51 www.diodes.co m 0 2 4 6 8 1 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 1 0 0 i , z e n e r c u r r e n t ( m a ) z v , z e n e r v o l t a g e ( v ) z f ig . 4 z e n e r b re a kd o w n c h a ra ct e ri st ic s tj = 2 5 c t es t c ur re nt i z 5m a c3 9 c4 3 c4 7 c5 1 0 1 0 2 0 3 0 0 i , z e n e r c u r r e n t ( m a ) z v , z e n e r v o l t a g e ( v ) z f ig . 3 z e n e r b re a kd o w n c h a ra ct e ri st ic s 1 0 2 0 3 0 4 0 t = 2 5 c j t es t c ur re nt i z 5m a c 10 c 12 c 18 c 22 c 27 c 33 c 36 c 15 0 1 0 2 0 3 0 4 0 5 0 0 1 2 3 4 5 6 7 8 9 1 0 i , z e n e r c u r r e n t ( m a ) z v , z e n e r v o l t a g e ( v ) z f ig . 2 z e n e r b re a kd o w n c h a ra ct e ri st ic s t = 2 5 c j c 2v 7 c 3v 3 c 3v 9 c 4v 7 c 5v 6 c 6v 8 c 8v 2 c 9v 1 t es t c ur re nt i z 5. 0m a t , a m bi en t t em pe ra tu re , ( c ) a fi g. 1 p ow er d er at in g c ur ve p , p o w e r d i s s i p a t i o n ( m w ) d 20 0 10 0 30 0 0 40 0 50 0 0 10 0 20 0 c , t o t a l c a p a c i t a n c e ( p f ) t 1 0 1 0 0 1 0 0 0 1 0 1 0 0 1 v , n o m i n a l z e n e r v o l t a g e ( v ) z f i g . 5 t o t a l c a p a c i t a n c e v s n o m i n a l z e n e r v o l t a g e t = 2 5 c j v = 1 v r v = 2 v r v = 1 v r v = 2 v r
ds18002 rev. 14 - 2 4 of 4 dz23c2v7-dz23c51 www.diodes.com ? diodes incorporated i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of DZ23C13-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X